PART |
Description |
Maker |
BC817-16W Q62702-C2320 Q62702-C2323 Q62702-C2324 Q |
RES FIX, 324 OHM.125W 1% SMDA 500 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Silicon AF Transistor (For general AF applications High collector current High current gain) 500 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
PDTD123YT215 |
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 10 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
NXP Semiconductors N.V.
|
MMDTA42-7-F |
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR 500 mA, 300 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
MPSA05 MMBTA05 MPSA05RA |
NPN General Purpose Amplifier 500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB NPN Medium Power Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
2SC1740SLNTP/S 2SA933ASLNTP/RS 2SA933ALNT93/RS 2SC |
150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 3000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 50 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 5000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Lattice Semiconductor, Corp. MERITEK Electronics, Corp.
|
2SB1516F5/NP 2SA1727F5/NP 2SD1918F5/NP 2SD1767T101 |
3000 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR 500 mA, 400 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1500 mA, 160 V, NPN, Si, SMALL SIGNAL TRANSISTOR 0.7 A, 80 V, NPN, Si, POWER TRANSISTOR 3000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5 A, 20 V, PNP, Si, POWER TRANSISTOR 1 A, 32 V, NPN, Si, POWER TRANSISTOR 2000 mA, 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
International Rectifier, Corp. Dielectric Laboratories, Inc.
|
2SD1478A |
Silicon NPN epitaxial planer type darlington(For low-frequency amplification) 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236
|
Panasonic, Corp.
|
KTN2369S |
500 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
DDTD114GC-13 DDTD114TC-13 |
500 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
DIODES INC
|
KTN2369 |
500 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
|
BCR503E6327 |
500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
INFINEON TECHNOLOGIES AG
|
BC817R-25-TAPE-7 BC817-25-TAPE-7 BC818-25-TAPE-13 |
500 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP SEMICONDUCTORS
|
|